Electronic Components Datasheet Search
  English  ▼

X  

DSRHD08 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSRHD08
Description  1.0A DSR BRIDGE DIODESTAR RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSRHD08 Datasheet(HTML) 3 Page - Diodes Incorporated

  DSRHD08 Datasheet HTML 1Page - Diodes Incorporated DSRHD08 Datasheet HTML 2Page - Diodes Incorporated DSRHD08 Datasheet HTML 3Page - Diodes Incorporated DSRHD08 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DSRHD02-DSRHD08
Document number: DS35952 Rev. 5 - 4
3 of 4
www.diodes.com
July 2018
© Diodes Incorporated
DSRHD02
– DSRHD08
PART OBSOLETE
–
NO ALTERNATE PART
10
20
30
0
1
10
100
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
TEMPERATURE (癈 )
Fig. 5 Forward Current Derating Curve
T , Lead Temperature
L
T , Ambient Temperature
A
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 6 Max Non-Repetitive Surge Current
Non-repetitive
Sine wave,
T = 25癈 Before
Surge current is applied
J
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
T-MiniDIP
Dim
Min
Max
A
1.15
1.27
b
0.60
0.70
c
0.15
0.25
D
4.90
5.10
D1
3.20
3.50
E
5.30
5.50
E1
6.00
6.40
e
3.90
4.10
L
0.25
0.80
L1
0.25
0.55
All Dimensions in mm
100
20
40
60
80
100
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
µ
A
)
R
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Typical Reverse Characteristics
10
1
0.1
0.01
T = 25°C
A
T = 75°C
A
T = 125°C
A
T = 150°C
A
E E1
e
D1
b
c
D
A
L
L1
(°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com