Electronic Components Datasheet Search
  English  ▼

X  

DXTP07040CFG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DXTP07040CFG
Description  40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP07040CFG Datasheet(HTML) 6 Page - Diodes Incorporated

  DXTP07040CFG Datasheet HTML 1Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 2Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 3Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 4Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 5Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 6Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DXTP07040CFG
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (SWP) (Type UX)
PowerDI3333-8 (SWP)
(Type UX)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
—
b
0.25
0.40
0.32
c
0.10
0.25
0.15
D
3.20
3.40
3.30
D1
2.95
3.15
3.05
D2
2.30
2.70
2.50
E
3.20
3.40
3.30
E1
2.95
3.15
3.05
E2
1.60
2.00
1.80
E3
0.95
1.35
1.15
E4
0.10
0.30
0.20
e
—
—
0.65
k
0.50
0.90
0.70
L
0.30
0.50
0.40
θ
0°
12°
10°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (SWP) (Type UX)
Dimensions Value (in mm)
C
0.650
X
0.420
X1
0.420
X2
0.230
X3
2.600
X4
3.500
Y
0.700
Y1
0.550
Y2
1.650
Y3
0.600
Y4
2.450
Y5
0.400
Y6
3.700
X1
X2
X3
Y1
Y2
Y5
Y3
Y4
Y6
Y
C
X
X4
D
E
E1
D1
A
c
L
L
E4
b
e
k
D2
E2
A1
0
E3
Detail A
Detail A
0.050
0.150
DXTP07040CFG
Datasheet Number: DS41046 Rev. 1 - 2
6 of 7
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com