Electronic Components Datasheet Search
  English  ▼

X  

ZR36016 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZR36016
Description  INTEGRATED COLOR SPACE / RASTER-TO-BLOCK CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZR36016 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZR36016 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
Integrated Color Space / Raster-To-Block Converter
Window Area Register NAX-Hi
Read/Write
Indirect address: 0x03
Initial Value
0x00
Bits 0-4
NAX(12:8): The number of pixels from the rising
edge of HIN to the starting point of the active
window area (X-axis offset). Upper 5 bits.
Initial Value = 0.
The range of NAX(12:0) is 0 to 8191.
Window Area Register PAX-Lo
Read/Write
Indirect address: 0x04
Initial Value
0xD0
Bits 0-7
PAX(7:0): The number of pixels of active window
area on a line (X-axis dimension). Lower 8 bits.
Initial Value = 0xD0.
Window Area Register PAX-Hi
Read/Write
Indirect address: 0x05
Initial Value
0x02
Bits 0-7
PAX(15:8): The number of pixels of active window
area on a line (X-axis dimension). Upper 8 bits.
Initial Value = 0x02.
The acceptable range of values of PAX(15:0)
depends on the mode of operation, as shown in
Table 18. The logical value of PAX is the same as
its literal value for all literal values up to and includ-
ing 0xFFFE. Thus, the logical value for literal PAX =
0xFFFE (65534) is 65534 pixels. The logical value
for literal PAX = 0xFFFF (65535) is 65536 pixels.
7
6
5
4
3
2
1
0
NAX[12:8]
–
–
–
7
6
5
4
3
2
1
0
PAX[7:0]
7
6
5
4
3
2
1
0
PAX[15:8]
Window Area Register NAY-Lo
Read/Write
Indirect address: 0x06
Initial Value
0x00
Bits 0-7
NAY(7:0): The number of lines from the rising edge
of VIN to the starting point of the active window area
(Y-axis offset). Lower 8 bits.
Initial Value = 0.
Window Area Register NAY-Hi
Read/Write
Indirect address: 0x07
Initial Value
0x00
Bits 0-4
NAY(12:8): The number of lines from the rising
edge of VIN to the starting point of the active
window area (Y-axis offset). Upper 5 bits.
Initial Value = 0.
he range of NAY(12:0) is 0 to 8191.
Window Area Register PAY-Lo
Read/Write
Indirect address: 0x08
Initial Value
0xF0
Bits 0-7
PAY(7:0): The number of lines of the active window
area {Y-axis dimension]. Lower 8 bits.
Initial Value = 0xF0.
7
6
5
4
3
2
1
0
NAY[7:0]
7
6
5
4
3
2
1
0
NAY[12:8]
–
–
–
7
6
5
4
3
2
1
0
PAY[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com