Electronic Components Datasheet Search
  English  ▼

X  

FRC4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FRC4
Description  High Contact Rating (30A) High Temperature Design Ideal For Use in Automobile Quick Connect Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FRC4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FRC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FRC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRC4 RELAY
ORDERING INFORMATION
FRC4 A - 1 R DC12V
Note : Pb-Free and RoHS compliant relays are available.
For ordering, please add suffix "Pb-Free" or "RoHS" to standard relay part numbers.
For example : FRC4A-1 DC 12V "Pb-Free"
for Pb-Free Relay
For example : FRC4A-1 DC 12V "RoHS"
for RoHS Complaint Relay
DIMENSIONS (UNIT : mm)
RATED VOLTAGE
NIL : STANDARD
R
: RESISTOR (12V: 562Ω)
N
: DIODE
RELAY MODEL
CONTACT ARRANGEMENT
A : 1 FORM A
1 : PLAIN DUST COVER
30
85
86
87
86
87
30
85
TERMINAL ARRANGEMENT
(BOTTOM VIEW)
PLUG IN TERMINAL TYPE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com