Electronic Components Datasheet Search
  English  ▼

X  

GS2911 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS2911
Description  300mA CMOS Positive LDO Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2911 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
2
GS2911
Block Diagram
Vout
Vin
Vss
Current
Limiter
+
-
Voltage
Reference
Package and Pin Assignments
GS2911YXX (SOT-89)
GS2911NXX (TO-92)
12
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
1
2
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
Ordering Information
SOT-89
TO-92
Output
GS2911Y15
GS2911N15
1.5V
GS2911Y18
GS2911N18
1.8V
GS2911Y20
GS2911N20
2.0V
GS2911Y25
GS2911N25
2.5V
GS2911Y33
GS2911N33
3.3V
GS2911Y50
GS2911N50
5.0V
*For additional available fixed voltages contact factory.
*Add “F” means lead free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com