Electronic Components Datasheet Search
  English  ▼

X  

ZHCS400 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZHCS400
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS400 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZHCS400 Datasheet HTML 1Page - Zetex Semiconductors ZHCS400 Datasheet HTML 2Page - Zetex Semiconductors ZHCS400 Datasheet HTML 3Page - Zetex Semiconductors ZHCS400 Datasheet HTML 4Page - Zetex Semiconductors ZHCS400 Datasheet HTML 5Page - Zetex Semiconductors ZHCS400 Datasheet HTML 6Page - Zetex Semiconductors ZHCS400 Datasheet HTML 7Page - Zetex Semiconductors ZHCS400 Datasheet HTML 8Page - Zetex Semiconductors ZHCS400 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
4
BLOCK DIAGRAM
PIN NO.
NAME
DESCRIPTION
1
LX
Output of NDMOS switch
2
GND
Ground (0V)
3
FB
Feedback pin for current control loop (connect resistor R1
from this pin to GND for output current I=100mV/ R1)
4
EN
Enable input (active high to turn on device)
Also used to adjust output current by PWM signal.
Connect to Vin for permanent operation.
5
VSENSE
Output voltage sense (used for open circuit protection).
Connect to GND if not required.
6VIN
Input voltage (2.5V to 5.5V). Decouple with capacitor close
to device.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com