Electronic Components Datasheet Search
  English  ▼

X  

ZHCS500 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZHCS500
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS500 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZHCS500 Datasheet HTML 1Page - Zetex Semiconductors ZHCS500 Datasheet HTML 2Page - Zetex Semiconductors ZHCS500 Datasheet HTML 3Page - Zetex Semiconductors ZHCS500 Datasheet HTML 4Page - Zetex Semiconductors ZHCS500 Datasheet HTML 5Page - Zetex Semiconductors ZHCS500 Datasheet HTML 6Page - Zetex Semiconductors ZHCS500 Datasheet HTML 7Page - Zetex Semiconductors ZHCS500 Datasheet HTML 8Page - Zetex Semiconductors ZHCS500 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Input voltage
(VIN)7
V
LX output voltage
(VLX)30
V
Switch output current
(ILX)
500
mA
Power dissipation
(PD)
300
mW
Operating temperature
(TOP)
-40 to 85
°C
Storage temperature
(TST)
-55 to 150
°C
Junction temperature
(Tj MAX)
125
°C
ABSOLUTE MAXIMUM RATINGS (Voltages to GND unless otherwise stated)
DEVICE
DEVICE DESCRIPTION
TEMPERATURE RANGE
PART MARK
TAPING
OPTIONS
ZXLD1100H6
Boost convertor in SC70-6
-40 to +85°C
110
TA, TC
ORDERING INFORMATION
ZXLD1100H6TA = 7” reel of 3,000 devices
ZXLD1100H6TC = 13” reel of 10,000 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com