Electronic Components Datasheet Search
  English  ▼

X  

GS75232TS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS75232TS
Description  Multiple RS-232 Drivers & Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232TS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS75232TS Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
4
GS75232
Driver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
High Level
VCC+ = 9 V
VIH
Input Voltage
VCC- = -9 V
1.9
-
V
Low Level
VIL
Input Voltage
-
0.8
V
VCC+ = 9 V
VCC- = -9 V
6
-
V
VCC+ = 13.2 V
VOH
High Level
Output Voltage
VIL = 0.8V
RL = 3 k
Ω
VCC- = -13.2 V
9
-
VCC+ = 9 V
VCC- = -9 V
-
-6
V
VCC+ = 13.2 V
VOL
Low Level
Output Voltage
VIH = 1.9V
RL = 3 k
Ω
VCC- = -13.2 V
-
-9
High Level
IIH
Input Current
VI = 5V
-
10
µA
Low Level
IIL
Input Current
VI = 0
-
-1.6
mA
Short Circuit
Output Current
IOS(H)
at High Level
VI = 0.8V
VO = 0
-6
-12
mA
Short Circuit
Output Current
IOS(L)
at Low Level
VI = 1.9V
VO = 0
6
12
mA
Output Resistance,
VCC+ = 0, VCC- = 0
RO
Power Off
VO = -2V to 2V
300
-
Ω
Driver Switching Characteristic (VCC+ = 9V, VCC- = -9V TA = 25 OC)
Symbol
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
ns
Low-To-High-Level Output
-
500
tPHL
Propagation Delay Time,
ns
High -To- Low -Level Output
-
175
tTLH
Transition Time,
Low-To-High-Level Output
*
-
100
ns
tTHL
Transition Time,
High -To- Low -Level
Output*
RL = 3 k
Ω
CL = 15
µF
See Figure 1
-
75
ns
tTLH
Transition Time,
Low-To-High-Level
Output**
2.5
(tip)
µs
tTHL
Transition Time,
High-To-Low -Level
Output**
RL = 3 k
Ω to 7 kΩ
CL = 2500
ρF
See Figure 1
3.0
(tip)
µs
*- Measured between 10 % and 90 % Points of Output Waveform
** - Measured between +3V and -3V Points on the Output Waveform (EIA-232-D
Condition)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com