Electronic Components Datasheet Search
  English  ▼

X  

WM8714 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8714
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8714 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
WM8714
Production Data
w
PD Rev 4.0 November 2004
14
RECOMMENDED EXTERNAL COMPONENTS
VDD
GND
CAP
C
6
C
5
AGND
8
7
Hardware Control
WM8714
Notes:
1. GND should be connected as close to the WM8714 as possible.
2. C
2
, C
5
should be positioned as close to the WM8714 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
C
2
VDD
C
1
13
FORMAT
12
DEEMPH
VOUTR
9
C
3
VOUTL
C
4
AC-Coupled
VOUTR/L
to External LPF
10
MUTE
6
14
MCLK
3
BCKIN
2
DIN
Audio Serial Data I/F
AGND
1
LRCIN
5
+
+
Figure 65 External Component Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
10
µF
De-coupling for VDD
C2
0.1
µF
De-coupling for VDD
C3 and C4
10
µF
Output AC coupling caps to remove midrail DC level from outputs
C5
0.1
µF
C6
10
µF
Reference de-coupling capacitors for CAP pin
Table 6 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com