Electronic Components Datasheet Search
  English  ▼

X  

EOSCU Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # EOSCU
Description  Occupancy Sensor Ceiling Mounted
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EOSCU Datasheet(HTML) 2 Page - EnOcean GmbH.

  EOSCU Datasheet HTML 1Page - EnOcean GmbH. EOSCU Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item Number
Item Description
Color
Occupancy Sensor (Ceiling Mounted)
Specifications (typ. values)
Power Supply
Optional
Indoor light energy harvesting
Supplemental battery (CR2032) or 2-wire connector
for external power or remote solar cell (3 - 5 VDC)
Typical Applications
Self-powered wireless occupancy
RF Communications
EnOcean 928 MHz, 902 MHz, 868 MHz
Transmission Range
80ft. (25m)
Motion Detection Range
34ft. (10m) diameter (refer to coverage diagrams)
Minimum Operating Light
50 lux (for auto-off only)
sensors are the perfect energy
saving solution for any space
where traffic patterns or occupancy
determine the need to power the
space. Install the occupancy
Startup Charge Times*
(from empty)
First motion
transmission / Linking=5 min @ 200 lux
Motion LED blink
Light/Walk Test Modes=1.5 hours @ 2000 lux
sensors in guest rooms, living
spaces, common areas or hallways
and link them with a HVAC setback
Note: Bright light or a battery can be temporarily used to significantly shorten startup charge times.
Charge Time to Full
25 hrs @ 200 lux
Sustaining Charge Time
3 hours per 24 hours @ 200 lux
Motion Transmission Interval
2 minutes
Unoccupied Transmission
10 and 30 minutes since last motion detection
Heartbeat Transmission
default = disabled / enabled = 1 hr intervals
Environment Indoor use
14° to 104°F (-10° to 40°C), 20% to 95% relative
humidity (non-condensing)
Operating Life in Darkness
80 hours (after full charge)
module, thermostat or in-line
switch module to ensure that the
HVAC, lights and other electronic
loads are only on when they are
needed.
Energy Harvesting Wireless
Enjoy unlimited flexibility and perfor-
Optional Battery Life:
Infrequent Bright Light
Consistent Low Light
Total Darkness
Continuous battery-free operation standard
20 yrs (with 200 lux for 2 hrs/day, 7 days/week)
15 yrs (with 65 lux for 5 hrs/day, 7 days/week)
6.5 yrs
mance with EnOcean-enabled energy
harvesting wireless solutions.
Systems that employ this wireless
device benefit from limitless supplies
EnOcean EquipmentProfile(EEP) A5-07-01
of energy and unrivaled flexibility.
Dimensions
Mounting Height
6.5” H x 2.36” W x 1.47” D (160mm x 60mm x 37mm)
7 - 10 feet (2 - 3m) recommended
Agency Compliance
902 MHz: US: FCC SZV-STM300U
CA: IC 5713A-STM300U
868 MHz: EU: CE and United Kingdom: UKCA
928 MHz: Japan: ARIB
Note: These products are offered solely as finished products for OEM customers. OEM customers
must add their own markings for certifications and product identification where applicable.
Sensor Range and Coverage Diagrams
Side View
*Specified lux values are for typical fluorescent lighting.
Lux level requirements for LED and other types may
vary. For lux unit reference, national standards often
require a minimum of 300+ lux for office areas.
10’
0
0-1’
3.1’ 4.6’
7.5’ 9.3’ 10.9’ 13.’ 14.2’ 16.8’
Fig. 1: Side view of sensor coverage based on 10ft. mounting height
Ordering information
Fig. 2: Top view of sensor coverage based on 10ft.
mounting height
EOSCU-W-EO
EOSCA-W-EO
EOSCJ-W-EO
Occupancy Sensor - Ceiling Mounted, 902 MHz
Occupancy Sensor - Ceiling Mounted, 868 MHz
Occupancy Sensor - Ceiling Mounted, 928 MHz
White
White
White
1 International Wireless Standard
300 EnOcean Alliance Members
1000 Interoperable Products
V2.4 April 2022
Item Number
Item Description
Color
Top View
15’
10’
5’
1.5m
3m
4.5m



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com