Electronic Components Datasheet Search
  English  ▼

X  

EPACA Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # EPACA
Description  EnOcean People Activity Counter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EPACA Datasheet(HTML) 2 Page - EnOcean GmbH.

  EPACA Datasheet HTML 1Page - EnOcean GmbH. EPACA Datasheet HTML 2Page - EnOcean GmbH. EPACA Datasheet HTML 3Page - EnOcean GmbH. EPACA Datasheet HTML 4Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EPAC – EnOcean People Activity Counter
Installation Guide
Copyright EnOcean © 2019
Page 2 of 4
EPAC_Installation_Guide_V1.4
* No activity (or lens covered). Natural bright light (2000 lux) or a
battery can be temporarily used to shorten startup charge time
significantly. Specified lux values are for typical fluorescent lighting. Lux
level requirements for LED and other types may vary.
** On average 8h a day permanent activity, 16h a day no activity
Take a moment to plan for the sensor’s successful operation and
optimal communication with the other system components:
▪ Remove the sensor from its packaging and place it under a
bright light to provide the required startup charge. Optionally,
to ensure the sensor energy storage is fully charged, insert a
CR2032 battery for 5 minutes while in a well-lit location.
▪ Ensure the location provides consistent and adequate light.
Mounting next to ceiling lights is recommended!
For places with little or no daylight, this is mandatory or you
have to use a supplemental battery.
▪ Locate the sensor between 2 to 3 m high (7-10 ft)
▪ Provide a minimum distance of 1.5 m (4 ft) away from heat
sources as light bulbs, forced air, or ventilation systems. Avoid
installed near ceiling fan or hanging light fixtures.
▪ Consider the construction materials (such as metal) in the
space and obstacles that may interfere with RF signals.
Sensor Sensing Range
10 m (34 ft.) diameter, refer to coverage diagram.
To restrict the coverage area, suitable lens covers can be made
by 3D printing. Corresponding instructions and design data are
available from EnOcean as application note AN 701.
Coverage Diagram
The sensor can be mounted at most ceilings with a suited
double sided adhesive. If needed, screws can also be used to fix
the mounting plate.
NOTE: Sometimes it’s easier to link the sensor before it is
mounted on the ceiling. Refer to the “Linking” section.
1. Remove the sensor from packaging and remove the
mounting plate from the sensor.
2. Define where you want to install the occupancy sensor (see
“Planning”) and fix the mounting plate (gluing or screwing).
3. Attach the sensor to the mounting plate: Slide the sensor on
the mounting plate until it snaps into place.
4. Confirm the sensor is properly positioned to detect motion
and has sufficient light to operate - refer to the “Walk Test”
and “Light Test” sections
Planning
Installing
estimated time: 5 minutes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com