Electronic Components Datasheet Search
  English  ▼

X  

LEDDU-W-EO Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # LEDDU-W-EO
Description  LED Controller 0-10V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

LEDDU-W-EO Datasheet(HTML) 2 Page - EnOcean GmbH.

  LEDDU-W-EO Datasheet HTML 1Page - EnOcean GmbH. LEDDU-W-EO Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The LED controller can be used in
conjunction with EnOcean-enabled
rocker pads, light sensors and
occupancy detection devices to
provide wireless dimming of LED
fixtures.
It is supplied from the auxiliary 12V
supply output of a connected LED
driver and can be conveniently
installed within a standard electri-
cal box or mounted to a fixture or
box using the threaded connector.
Typical Applications
Enjoy unlimited flexibility and perfor-
mance with EnOcean-enabled energy
harvesting wireless solutions.
Systems that employ this wireless
device benefit from limitless supplies
of energy and unrivaled flexibility.
Energy Harvesting Wireless
1 International Wireless Standard
300 EnOcean Alliance Members
1000 Interoperable Products
www.enocean-alliance.org
Item Number
Item Description
Color
LEDDU-W-EO
LED Controller, 902MHz
White
Ordering information
Specifications (typ. values)
Power Supply
12V (11.0 - 13.2V) DC, 20mA* (max.) from LED driver
* plus 0-10V sourcing current if needed
Inputs/Outputs
RF Communications
EnOcean 902 MHz
Transmission Range
80ft. (25m)
Dimensions
Mounting
• Install inside standard electrical box
• Connect to electrical boxes and fixtures
using threaded nipple
Agency Compliance
902 MHz Contains:
FCC: SZV-STM300U
IC: 5713A-STM300U
LED Controller 0-10V
Environment
Weight
• Flying-lead style power input wires
• 2 output wires for 0-10V control
• Radio Frequency (RF) transceiver
• 2 Buttons, 1 LED for device
configuration & manual control
2.24” H x 1.65” W x 1.2” D
(57mm x 42mm x 30mm)
2.5oz. (70g)
• Indoor use only
• 32° to 140° F (0° to 60° C)
• 20% to 95% relative humidity
(non-condensing)
EnOcean Equipment
Profile
Interoperable Products /
EEPs (EnOcean
Equipment Profiles)
D2-40-00 with RECOM
Compatible with Navigan™
Rocker Pad Switch (F6-02-02)
Occupancy Sensor (A5-07-01)
Occupancy Sensor (A5-07-02)
Occupancy Sensor (A5-07-03)
Light Level Sensor (A5-06-02)
Light Level Sensor (A6-06-03)
Central Controller (A5-38-08)
Demand Response (A5-37-01)
V1.2
220mW (typ.) / 500 mW (max, incl. sourcing current)
Power Consumption
Current sinking / sourcing 20mA
0-10V output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com