Electronic Components Datasheet Search
  English  ▼

X  

8TQ080G Datasheet(PDF) 1 Page - International Rectifier

Part # 8TQ080G
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080G Datasheet(HTML) 1 Page - International Rectifier

  8TQ080G Datasheet HTML 1Page - International Rectifier 8TQ080G Datasheet HTML 2Page - International Rectifier 8TQ080G Datasheet HTML 3Page - International Rectifier 8TQ080G Datasheet HTML 4Page - International Rectifier 8TQ080G Datasheet HTML 5Page - International Rectifier 8TQ080G Datasheet HTML 6Page - International Rectifier 8TQ080G Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
8 Amp
8TQ...G
Bulletin PD-20686 rev. A 01/06
1
Major Ratings and Characteristics
I
F(AV) Rectangular
8
A
waveform
V
RRM range
80 - 100
V
I
FSM @ tp = 5 µs sine
850
A
V
F
@8 Apk, T
J = 125°C
0.58
V
T
J
range
- 55 to 175
°C
Characteristics
Value
Units
Description/ Features
The 8TQ...G Schottky rectifier series has been optimized for
low
reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175° C
junction temperature. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and re-
verse battery protection.
175° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
IF(AV) = 8 Amp
VR = 80 - 100V
Case Styles
TO-220AC
8TQ...G
Anode
1
3
Cathode
Base
Cathode
www.irf.com


Similar Part No. - 8TQ080G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080G VISHAY-8TQ080G Datasheet
123Kb / 6P
Schottky Rectifier, 8 A
03-Nov-08
8TQ080G-N3 VISHAY-8TQ080G-N3 Datasheet
167Kb / 7P
Schottky Rectifier, 8 A
11-Oct-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
Schottky Rectifier, 8 A
11-Oct-11
8TQ080GS VISHAY-8TQ080GS Datasheet
108Kb / 6P
Schottky Rectifier, 8 A
18-Jun-08
8TQ080GSPBF VISHAY-8TQ080GSPBF Datasheet
111Kb / 6P
Schottky Rectifier, 8 A
17-Apr-08
More results

Similar Description - 8TQ080G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com