Electronic Components Datasheet Search
  English  ▼

X  

IR3103 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3103
Description  Half-Bridge FredFET and Integrated Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3103 Datasheet(HTML) 2 Page - International Rectifier

  IR3103 Datasheet HTML 1Page - International Rectifier IR3103 Datasheet HTML 2Page - International Rectifier IR3103 Datasheet HTML 3Page - International Rectifier IR3103 Datasheet HTML 4Page - International Rectifier IR3103 Datasheet HTML 5Page - International Rectifier IR3103 Datasheet HTML 6Page - International Rectifier IR3103 Datasheet HTML 7Page - International Rectifier IR3103 Datasheet HTML 8Page - International Rectifier IR3103 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IR3103
2
www.irf.com
Symbol
Parameter
Min
Max
Units Conditions
IBDF
Bootstrap Continuous Diode
Forward Current
---
0.3
A
TJ = 150°C, TA=55°C
VB
High Side Floating Supply
Absolute Voltage
-0.3
525
V
VO
High Side Floating Supply Offset
Voltage
VB - 25
VB +0.3
V
VCC
Low Side and Logic Fixed Supply
Voltage
-0.3
25
V
VIN
Input Voltage LIN, HIN
VSS-0.3
VCC+0.3V
V
VSS
Logic Ground
VCC-25
VCC+0.3V
V
Absolute Maximum Ratings (Continued)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM.
Symbol
Definition
Min
Max
Units
VB
High Side Floating Supply Absolute Voltage
VO+10
VO+20
V
VDD
High Voltage Supply
Note 4
400
V
VCC
Low Side and Logic Fixed Supply Voltage
10
20
V
VIN
Logic Input Voltage
VSS
VCC
V
VSS
Logic Ground
-5
5
V
Recommended Operating Conditions Driver Function
For proper operation the device should be used within the recommended conditions. All voltages are absolute
referenced to COM. The VS and VO offset are tested with all supplies biased at 15V differential.
Note 4: Logic operation for VO of -5 to +500V. Logic state held for VO of -5V to -VBO. (Please refer to the Design Tip
DT97-3 for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com