Electronic Components Datasheet Search
  English  ▼

X  

ISO15693 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # ISO15693
Description  High-speed RFID LSI FerVID family
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

ISO15693 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button ISO15693 Datasheet HTML 9Page - fujitsu semiconductor ISO15693 Datasheet HTML 10Page - fujitsu semiconductor ISO15693 Datasheet HTML 11Page - fujitsu semiconductor ISO15693 Datasheet HTML 12Page - fujitsu semiconductor ISO15693 Datasheet HTML 13Page - fujitsu semiconductor ISO15693 Datasheet HTML 14Page - fujitsu semiconductor ISO15693 Datasheet HTML 15Page - fujitsu semiconductor ISO15693 Datasheet HTML 16Page - fujitsu semiconductor ISO15693 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
MB89R118
13
3.
FRAM Data Protection if Power Lost During Data Writing
If the power to FRAM is lost while data is being written to it, data may take on unexpected values, possibly
adversely affecting system operation.
The MB89R118’s FRAM is accessed (updated) in byte units.
The MB89R118 circle confirms that the level of power supply voltage is sufficient before data is written to each
byte.
However, since write commands access more than one byte at once a power loss in the middle of write commands
may result in a mixture of new written data and still remaining old data. As a result, confirm success of a write
command with read command after each write command.
4.
Requests/Responses
A request is sent from the reader/writer to the transponder. In reply to the request, the transponder sends a
response to the reader/writer.
Each request, and each response, is transmitted in a single frame.
• Structure of requests and responses
A request consists of the following 5 fields :
•Flag
• Command code
• Parameter (required or optional depending on the command)
• Application data
•CRC
A response consists of the following 4 fields :
•Flag
• Parameter (required or option depending on the command)
• Application data
•CRC
Each byte is transferred, beginning with the lowest bit. When two or more bytes are transferred, transfer begins
with the lowest one.
Set the RFU_flag always to “0”.
5.
Operating Modes
The MB89R118 has the following 3 operating modes :
Each mode specifies a different mechanism for how the transponder returns a response in reply to a request
from the reader/writer :
• Addressed mode
The MB89R118 enters addressed mode when the Address_flag is set to “1”.
In addressed mode, a request includes a UID (the Address_flag is set to “1” simultaneously), and only the
transponder that matches the UID in the request returns a response. If no transponder that matches the UID
exists, a response is not returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com