Electronic Components Datasheet Search
  English  ▼

X  

IXTP62N15P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP62N15P
Description  PolarHT Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP62N15P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP62N15P Datasheet HTML 1Page - IXYS Corporation IXTP62N15P Datasheet HTML 2Page - IXYS Corporation IXTP62N15P Datasheet HTML 3Page - IXYS Corporation IXTP62N15P Datasheet HTML 4Page - IXYS Corporation IXTP62N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 62N15P IXTP 62N15P
IXTQ 62N15P
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
102030
40
506070
Q G - nanoCoulombs
VDS = 75V
ID = 31A
IG = 10mA
Fig. 7. Input Adm ittance
0
15
30
45
60
75
90
105
120
56
789
10
11
VG S - Volts
TJ = 150ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
4
8
12
16
20
24
28
32
36
0
15
30
45
60
75
90
105 120 135 150
I D - Amperes
TJ = -40ºC
25ºC
150ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
30
60
90
120
150
180
0.4
0.6
0.8
1
1.2
1.4
1.6
VS D - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
1000
1
10
100
1000
VD S - Volts
100µs
1ms
DC
TJ = 175ºC
TC = 25ºC
RDS(on) Limit
10ms
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com