Electronic Components Datasheet Search
  English  ▼

X  

PI3L301D Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3L301D
Description  3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L301D Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3L301D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L301D Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS8665B
07/22/03
PI3L301D
3.3V, 16-Bit to 8-Bit, Mux/DeMux
Gigabit Ethernet LAN Switch with Single Enable
Test Circuit for Electrical Characteristics(1)
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
All input impulses are supplied by generators having the following characteristics: f = 10MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
4.
The outputs are measured one at a time with one transition per measurement.
VCC
PI3L301D
T
R
S
HP11667A
50-ohm
50-ohm
50-ohm
CL = 10pF
HP4396B
Switch Positions
Test
Switch
tPLZ, tPZL (output on B-side)
6.0V
tPHZ, tPZH (output on B-side)
GND
Prop Delay
Open
Figure 1. Bandwidth -3db Testing
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com