Electronic Components Datasheet Search
  English  ▼

X  

T4258-ILQ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T4258-ILQ
Description  AM/FM Receiver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4258-ILQ Datasheet(HTML) 2 Page - ATMEL Corporation

  T4258-ILQ Datasheet HTML 1Page - ATMEL Corporation T4258-ILQ Datasheet HTML 2Page - ATMEL Corporation T4258-ILQ Datasheet HTML 3Page - ATMEL Corporation T4258-ILQ Datasheet HTML 4Page - ATMEL Corporation T4258-ILQ Datasheet HTML 5Page - ATMEL Corporation T4258-ILQ Datasheet HTML 6Page - ATMEL Corporation T4258-ILQ Datasheet HTML 7Page - ATMEL Corporation T4258-ILQ Datasheet HTML 8Page - ATMEL Corporation T4258-ILQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
T4258
Rev. A1, 10-Jan-01
2 (17)
Pin Description
Pin
Symbol
Function
1
MX1FMA
1st mixer FM input A
2
MX1FMB
1st mixer FM input B
3
MX1AMB
1st mixer AM input B
4
GNDMX
Ground 1st mixer
5
FMAGC
FM preamplifier AGC
6
AMVREG
AM control voltage
7
AMAGC
AM preamplifier AGC
8
AMPLPF
AM AGC LP filter
9
METER
Fieldstrength output
10
ADJAC
Adjacent channel detection output
11
MPX
Multiplex signal
12
V57
5.7 V reference voltage
13
OSCB
Oscillator basis
14
OSCE
Oscillator emitter
15
GNDOSC
Oscillator ground
16
OSCOUT
Oscillator output
17
EN
3-wire bus enable
18
CLK
3-wire bus clock
19
DATA
3-wire bus data
20
IF2OUT
2nd IF amplifier output
21
INT
Interrupt, stop signal, test out
22
MX2LO
10.25 MHz input for 2nd mixer
23
MX2OB
2nd mixer output B
24
MX2OA
2nd mixer output A
25
GND
Ground
26
MX2IN
2nd mixer input
27
V3P
3 V ref. for AMPIN, AMIFAGC, Control, IF2IN
28
IF2IN
2nd IF amplifier input
29
V3
3 V reference for IF1OUT, MX2IN
30
IF1OUT
1st IF amplifier output
31
DEV
Deviation detect output
32
OPLPF
Operating point LPF
33
IF1AMI
1st IF AM amplifier input
34
SMUTE
Soft MUTE control input
35
IFAGCH
IF AGC LP filter high time constant constant
36
IFAGCL
IF AGC LP filter low time constant
37
FILADJ
Filter adjust
38
IF1FMI
1st IF FM amplifier input
39
IF1REF
1st IF & MX1OUT ref., MX1AMA, MX1AMB
40
MULTIP
Multipath detection output
41
MX1AMA
1st mixer AM input A
42
VS
Supply voltage
43
MX1OA
1st mixer output A
44
MX1OB
1st mixer output B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
AMVREG
AMAGC
AMPLPF
METER
ADJAC
MPX
GNDMX
FMAGC
V57
MX1AMB
MX1FMB
MX1FMA
IF1REF
IF1FMI
FILADJ
IFAGCL
IFAGCH
SMUTE
MX1AMA
MULTIP
IF1AMI
VS
MX1OA
MX1OB
OSCB
OSCE
GNDOSC
OSCOUT
EN
CLK
DATA
IF2OUT
INT
MX2LO
OPLPF
DEV
IF1OUT
V3
IF2IN
V3P
MX2IN
GND
MX2OA
MX2OB
Figure 2. Pinning SSO44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com