Electronic Components Datasheet Search
  English  ▼

X  

BA4580RFJ Datasheet(PDF) 5 Page - Rohm

Part # BA4580RFJ
Description  Low Noise Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RFJ Datasheet(HTML) 5 Page - Rohm

  BA4580RFJ Datasheet HTML 1Page - Rohm BA4580RFJ Datasheet HTML 2Page - Rohm BA4580RFJ Datasheet HTML 3Page - Rohm BA4580RFJ Datasheet HTML 4Page - Rohm BA4580RFJ Datasheet HTML 5Page - Rohm BA4580RFJ Datasheet HTML 6Page - Rohm BA4580RFJ Datasheet HTML 7Page - Rohm BA4580RFJ Datasheet HTML 8Page - Rohm BA4580RFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
5/40
20.Nov.2014 Rev.003
TSZ22111・15・00
BA4580Rxxx BA4584FV BA4584Rxx
○
BA4584 (Unless otherwise specified VCC=+15V, VEE=-15V, TA =25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(Note 12)
VIO
-
0.3
3
mV
RS≤ 10kΩ
Input Offset Current
(Note 12)
IIO
-
5
200
nA
-
Input Bias Current
(Note 13)
IB
-
100
500
nA
-
Large Signal Voltage Gain
AV
90
110
-
dB
RL≥ 10kΩ, OUT=±10V
Maximum Output Voltage
VOM
±12
±13.5
-
V
RL≥ 2kΩ
Input Common-mode Voltage Range
VICM
±12
±13.5
-
V
-
Common-mode Rejection Ratio
CMRR
80
110
-
dB
RS≤ 10kΩ
Power Supply Rejection Ratio
PSRR
80
110
-
dB
RS≤ 10kΩ
Supply Current
ICC
-
12
18
mA
RL=∞, All Op-Amps, VIN+=0V
Slew Rate
SR
-
5
-
V/μs
RL≥ 2kΩ
Gain Bandwidth Product
GBW
-
10
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
5
-
MHz
RL=2kΩ
Total Harmonic Distortion+ Noise
THD+N
-
0.0005
-
%
AV=20dB, OUT=5Vrms
RL=2kΩ
f=1kHz, 20Hz~20kHz BPF
Input Referred Noise Voltage
VN
-
5
-
Hz
nV/
RS=100Ω, VI=0V, f=1kHz
-
0.8
-
μVrms RIAA, RS=2.2 kΩ, 30kHz LPF
Channel Separation
CS
-
110
-
dB
R1=100Ω, f=1kHz
(Note 12) Absolute value
(Note 13) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com