Electronic Components Datasheet Search
  English  ▼

X  

PDS540Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS540Q
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS540Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS540Q Datasheet HTML 1Page - Diodes Incorporated PDS540Q Datasheet HTML 2Page - Diodes Incorporated PDS540Q Datasheet HTML 3Page - Diodes Incorporated PDS540Q Datasheet HTML 4Page - Diodes Incorporated PDS540Q Datasheet HTML 5Page - Diodes Incorporated PDS540Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PDS540Q
Document number: DS36912 Rev. 2 - 2
3 of 6
www.diodes.com
December 2017
© Diodes Incorporated
PDS540Q
0
1
2
3
4
0
1
3
2
4
5
6
7
8
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0
100 200 300 400 500 600 700
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 2 Typical Forward Characteristics
F
10
1
0.1
0.0001
0.001
0.01
0.00001
100
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
R
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
m
A
)
R
T = 125°C
J
T = 100°C
J
T = 150°C
J
T = 85°C
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com