Electronic Components Datasheet Search
  English  ▼

X  

PI3DPX1203 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 28Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 29Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
27 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
7.3 Layout Guidelines
As transmission data rate increases rapidly, any flaws and/or mis-matches on PCB layout are amplified in terms of signal integrity. Lay-
out guideline for high-speed transmission is highlighted in this application note.
7.3.1 AC coupling Capacitor
Below is an example of placing AC coupling capacitors on high-speed channels.
7.3.2 Location
To wisely use the equalization selections offered by PI3DPX1203, it is recommended to place PI3DPX1203 at the end of the entire path.
In short, PI3DPX1203 should be located close to the output DP connector in a source application. Below is the PI3DPX1203 placement
on its evaluation board.
7.3.3 Thermal Pad GND Via Recommendation
To wisely use the equalization selections offered by PI3DPX1203, it is recommended to place PI3DPX1203 at the end of the entire path.
In short, PI3DPX1203 should be located close to the output DP connector in a source application. Below is the PI3DPX1203 placement
on its evaluation board .
Several GND vias are the “must” requirement in thermal pad. The recommended Via size is 12/24 mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com