Electronic Components Datasheet Search
  English  ▼

X  

VWO85 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VWO85
Description  Three Phase AC Controller Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VWO85 Datasheet(HTML) 2 Page - IXYS Corporation

  VWO85 Datasheet HTML 1Page - IXYS Corporation VWO85 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
VWO 85
Symbol
Test Conditions
Characteristic Values
I
D, IR
T
VJ = 125°C; VR = VRRM; VD = VDRM
£
5mA
V
T
I
T
= 85 A; T
VJ = 25°C
£
1.67
V
V
T0
For power-loss calculations only
0.85
V
r
T
11
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.5
V
T
VJ = -40°C
£
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
100
mA
T
VJ = -40°C
£
200
mA
V
GD
T
VJ=125°C;
V
D = 2/3 VDRM
£
0.2
V
I
GD
£
5mA
I
L
T
VJ = 25°C; tP = 10 ms
£
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.45 A; diG/dt = 0.45 A/ms
t
q
T
VJ=125°C; IT = 20 A, tP = 200 ms; di/dt = -10 A/ms
typ.
150
ms
V
R = 100 V; dv/dt = 15 V/ms; VD = 2/3 VDRM
R
thJC
per thyristor
0.92
K/W
per module
0.154
K/W
R
thJK
per thyristor
1.22
K/W
per module
0.204
K/W
d
S
Creeping distance on surface
12.7
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com