Electronic Components Datasheet Search
  English  ▼

X  

SHD117136PA Datasheet(PDF) 2 Page - Sensitron

Part # SHD117136PA
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD117136PA Datasheet(HTML) 2 Page - Sensitron

  SHD117136PA Datasheet HTML 1Page - Sensitron SHD117136PA Datasheet HTML 2Page - Sensitron SHD117136PA Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD117136(P/N)
SHD117136(P/N)A
SHD117136(P/N)B
SENSITRON
DATA SHEET 4573, REV. -
Mechanical Dimensions: In Inches / mm
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
COMMON
COMMON
CATHODE
ANODE
2
1
3 2
1
3
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER, COMMON CATHODE (P)
COMMON CATHODE
ANODE 1
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
COMMON ANODE
CATHODE 1
CATHODE 2
VF @ 1A -55°C typical = 0.56V
SHD-4
.290?010
(7.37?254)
2
3
.350?010
(8.89?254)
.020?010
(.508?254)
.110 (2.80) Max
Alumina Ring
Terminal 1
2
3
.290?010
(7.37?254)
.350?010
(8.89?254)
.065?010
(1.65?254)
.110 (2.79) Max
Alumina Ring
.440?020
(11.2?508)
.185?010
(4.70?254)
.020?010
(.508?254)
Moly Lid
Moly Base
Terminal 1
.060?010
(1.52?254)
.020?002
(.508?051)
.020?005 R
(.508?127 )
2
3
.290?010
(7.37?254)
.350?010
(8.89?254)
.090?010
(2.29?254)
.130 (3.30) Max
Alumina Ring
.440?020
(11.2?508)
.185?010
(4.70?254)
.020?010
(.508?254)
Moly Lid
Moly Base
Terminal 1
.060?010
(1.52?254)
.015?002
(.381?051)
.020?005
(.508?127 )
Copper Terminals
SHD-4A
SHD-4B
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - V
F (V)
10
-3
10
-2
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
0
40
80
120
Typical Junction Capacitance
25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com