Electronic Components Datasheet Search
  English  ▼

X  

LH1540AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1540AT
Description  1 Form A Solid-State Relay (Normally Open)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1540AT Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1540AT Datasheet HTML 1Page - Vishay Siliconix LH1540AT Datasheet HTML 2Page - Vishay Siliconix LH1540AT Datasheet HTML 3Page - Vishay Siliconix LH1540AT Datasheet HTML 4Page - Vishay Siliconix LH1540AT Datasheet HTML 5Page - Vishay Siliconix LH1540AT Datasheet HTML 6Page - Vishay Siliconix LH1540AT Datasheet HTML 7Page - Vishay Siliconix LH1540AT Datasheet HTML 8Page - Vishay Siliconix LH1540AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LH1540AAB, LH1540AABTR, LH1540AT
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 05-Jul-2018
2
Document Number: 83833
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements
PIN CONFIGURATION
Fig. 1 - Pin Configuration
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
CONDITION
SYMBOL
VALUE
UNIT
INPUT
IRED continuous forward current
IF
50
mA
IRED reverse voltage
VR
5V
Input power dissipation
Pdiss
80
mW
OUTPUT
DC or peak AC load voltage
VL
350
V
Continuous load current (AC/DC configuration)
IL
120
mA
Continuous load current (DC only configuration)
IL
250
mA
SSR output power dissipation (continuous)
Pdiss
550
mW
SSR
Ambient temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +150
°C
Soldering temperature
t = 10 s max.
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
IRED forward current, switch turn-on
IL = 100 mA, t = 10 ms
IFon
-0.3
2
mA
IRED forward current, switch turn-off
VL = 350 V
IFoff
0.05
0.15
-
mA
IRED forward voltage
IF = 10 mA
VF
-
1.36
1.45
V
OUTPUT
On-resistance (AC/DC configuration)
IF = 5 mA, IL = 50 mA
RON
-22
27
Ω
On-resistance (DC only configuration)
IF = 5 mA, IL = 100 mA
RON
-5.2
7
Ω
Off-resistance
IF = 0 mA, VL = ± 100 V
ROFF
0.5
5000
-
G
Ω
Off-state leakage current
IF = 0 mA, VL = ± 100 V
IO
-< 1
200
nA
IF = 0 mA, VL = ± 350 V
IO
-
6
1000
nA
Output capacitance
(AC/DC configuration)
IF = 0 mA, VL = 1 V, 1 MHz
CO
-39-
pF
IF = 0 mA, VL = 50 V, 1 MHz
CO
-6-
pF
Current limit (AC/DC configuration)
IF = 5 mA, t = 5 ms, VL = ± 6 V
Ilimit
170
300
450
mA
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
-0.4
-
pF
AC/DC configuration
6
Load (±)
Load (±)
Do not connect
5
2
4
3
1
A
C
DC only configuration
6
Load (+)
Load (-)
5
2
4
3
1
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com