Electronic Components Datasheet Search
  English  ▼

X  

VO2223 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO2223
Description  Optocoupler, Power Phototriac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2223 Datasheet(HTML) 4 Page - Vishay Siliconix

  VO2223 Datasheet HTML 1Page - Vishay Siliconix VO2223 Datasheet HTML 2Page - Vishay Siliconix VO2223 Datasheet HTML 3Page - Vishay Siliconix VO2223 Datasheet HTML 4Page - Vishay Siliconix VO2223 Datasheet HTML 5Page - Vishay Siliconix VO2223 Datasheet HTML 6Page - Vishay Siliconix VO2223 Datasheet HTML 7Page - Vishay Siliconix VO2223 Datasheet HTML 8Page - Vishay Siliconix VO2223 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VO2223
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 18-Mar-2021
4
Document Number: 81166
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Reverse Voltage vs. Temperature
Fig. 6 - On-State Current vs. On-State Voltage
Fig. 7 - Off-State Leakage Current vs. Voltage
Fig. 8 - Normalized Trigger Input Current vs. Temperature
Fig. 9 - Trigger Input Current vs. Turn-On Time
85 °C
55 °C
-40 °C
0 °C
25 °C
VF - Forward Voltage (V)
1
10
100
0.8
1.0
1.2
1.4
1.6
Tamb - Temperature (°C)
40
45
50
55
-40
-15
10
35
60
85
VTM - Peak On-State Voltage (V)
21909
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
Supply Voltage (V)
0
0.1
1
10
100
1000
10 000
100 000
0
100
200
300
400
500
600
-40 °C
85 °C
55 °C
25 °C
0 °C
Tamb - Temperature (°C)
0.5
0.7
0.9
1.1
1.3
1.5
-40
-15
10
35
60
85
Turn-On Time (µs)
21912
10
20
30
40
50
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com