Electronic Components Datasheet Search
  English  ▼

X  

CTP17 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTP17
Description  DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTP17 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTP17 Datasheet HTML 1Page - CT Micro International Corporation CTP17 Datasheet HTML 2Page - CT Micro International Corporation CTP17 Datasheet HTML 3Page - CT Micro International Corporation CTP17 Datasheet HTML 4Page - CT Micro International Corporation CTP17 Datasheet HTML 5Page - CT Micro International Corporation CTP17 Datasheet HTML 6Page - CT Micro International Corporation CTP17 Datasheet HTML 7Page - CT Micro International Corporation CTP17 Datasheet HTML 8Page - CT Micro International Corporation CTP17 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.2
ALL RIGHTS RESERVED.
Page 2
Aug, 2022
CTP17 Series
DC 4-Pin DFN DMC-Isolator®
Phototransistor Optocoupler
Absolute Maximum Ratings T
A = 25°C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the operational sections of this document. In addition, extended exposure to stresses above
the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage (AC, 1 minute, 40 ~ 60% R.H.)
2500
VRMS
PTOT
Total power dissipation
135
mW
TOPR
Operating temperature
-55 ~ +125
oC
TSTG
Storage temperature
-55 ~ +150
oC
TSOL
Soldering temperature
260
oC
Emitter
IF
Forward current
20
mA
IF(TRANS)
Peak transient current
(≤1μs P.W,300pps)
100
mA
VR
Reverse voltage
6
V
PD
Power dissipation
35
mW
Detector
PC
Power dissipation
100
mW
BVCEO
Collector-Emitter Breakdown Voltage
80
V
BVECO
Emitter-Collector Breakdown Voltage
7
V
IC
Collector Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com