Electronic Components Datasheet Search
  English  ▼

X  

CTS314 Datasheet(PDF) 9 Page - CT Micro International Corporation

Part # CTS314
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS314 Datasheet(HTML) 9 Page - CT Micro International Corporation

Back Button CTS314 Datasheet HTML 5Page - CT Micro International Corporation CTS314 Datasheet HTML 6Page - CT Micro International Corporation CTS314 Datasheet HTML 7Page - CT Micro International Corporation CTS314 Datasheet HTML 8Page - CT Micro International Corporation CTS314 Datasheet HTML 9Page - CT Micro International Corporation CTS314 Datasheet HTML 10Page - CT Micro International Corporation CTS314 Datasheet HTML 11Page - CT Micro International Corporation CTS314 Datasheet HTML 12Page - CT Micro International Corporation CTS314 Datasheet HTML 13Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 9
Nov, 2022
CTS314
1.0A MOSFET/IGBT Gate Driver Optocoupler
Marking Information
Note:
CT
: Denotes “CT Micro”
314
: Part Number
V
: VDE Safety Mark Option (Blank or V)
Y
: One Digit Year Code
WW
: Two Digit Work Week
K
: Manufacturing Code
Ordering Information
CTS314(V)(Y)(Z)
CT
=
Denotes “CT Micro”
S314
= Part Number
V
= VDE Safety Mark Option (Blank or V)
Y
= Lead Form Option (S or SM)
Z
= Tape and Reel Option (T1 or T2)
Option
Description
Quantity
S(T1)
Surface Mount Lead Forming with Option 1 Taping
1500 Units/Reel
S(T2)
Surface Mount Lead Forming with Option 2 Taping
1500 Units/Reel
SM(T1)
Surface Mount (Gullwing) Lead Forming with Option 1 Taping
1500 Units/Reel
SM(T2)
Surface Mount (Gullwing) Lead Forming with Option 2 Taping
1500 Units/Reel
Reel Dimension All dimensions are in mm, unless otherwise stated
Option S(T1/T2) & SL(T1/T2)
Option SLM(T1/T2)
CT
314
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com