Electronic Components Datasheet Search
  English  ▼

X  

SFH636 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH636
Description  High Speed Optocoupler, 1 MBd, Transistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH636 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH636 Datasheet HTML 1Page - Vishay Siliconix SFH636 Datasheet HTML 2Page - Vishay Siliconix SFH636 Datasheet HTML 3Page - Vishay Siliconix SFH636 Datasheet HTML 4Page - Vishay Siliconix SFH636 Datasheet HTML 5Page - Vishay Siliconix SFH636 Datasheet HTML 6Page - Vishay Siliconix SFH636 Datasheet HTML 7Page - Vishay Siliconix SFH636 Datasheet HTML 8Page - Vishay Siliconix SFH636 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SFH636
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 30-Sep-2019
4
Document Number: 83681
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Common Mode Transient Test
Fig. 6 - Measurement Waveform of CMR
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
V
CC
1
2
3
4
5
6
R
L
V
O
I
F
V
FF
A
B
C = 100 nF
V
CM
Pulse generator
+-
5V
0
0
t
t
V
CM
V O
0
V O
t
10 %
90 %
90 %
10 %
V
OL
t
F
t
R
A: IF =0m A
B: IF =1 6m A
COMMON MODE TRANSIENT IMMUNITY (Tamb = 25 °C)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity (high)
IF = 0 mA, VCM = 1500 VPP,
RL = 1.9 k
Ω, VCC = 5.0 V
|CMH|
-
10 000
-
V/μs
Common mode transient immunity (low)
IF = 16 mA, VCM = 1500 VPP,
RL = 1.9 k
Ω, VCC = 5.0 V
|CML|
-
10 000
-
V/μs
SAFETY AND INSULATION RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55/100/21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
4420
VRMS
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Isolation resistance
Tamb = 25 °C, VIO = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VIO = 500 V
RIO
≥ 1011
Ω
Output safety power
PSO
700
mW
Input safety current
ISI
400
mA
Input safety temperature
TS
175
°C
Creepage distance
DIP-6
≥ 7mm
Clearance distance
DIP-6
≥ 7mm
Creepage distance
DIP-6, option 6
≥ 8mm
Clearance distance
DIP-6, option 6
≥ 8mm
Creepage distance
SMD-6, option 7
≥ 7mm
Clearance distance
SMD-6, option 7
≥ 7mm
Insulation thickness
DTI
≥ 0.4
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com