Electronic Components Datasheet Search
  English  ▼

X  

VOW136 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOW136
Description  Widebody, High Isolation, High Speed Optocoupler, 1 MBd
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOW136 Datasheet(HTML) 4 Page - Vishay Siliconix

  VOW136 Datasheet HTML 1Page - Vishay Siliconix VOW136 Datasheet HTML 2Page - Vishay Siliconix VOW136 Datasheet HTML 3Page - Vishay Siliconix VOW136 Datasheet HTML 4Page - Vishay Siliconix VOW136 Datasheet HTML 5Page - Vishay Siliconix VOW136 Datasheet HTML 6Page - Vishay Siliconix VOW136 Datasheet HTML 7Page - Vishay Siliconix VOW136 Datasheet HTML 8Page - Vishay Siliconix VOW136 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VOW135, VOW136
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Mar-15
4
Document Number: 84156
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Common Mode Interference Immunity
Note
• As per DIN EN 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of protective circuits.
COMMON MODE TRANSIENT IMMUNITY (Tamb = 0 °C to 70 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High
VCM = 10 VPP, VCC = 5 V, IF = 0 mA, RL = 4.1 k
Ω
VOW135
CMH
1000
V/μs
VCM = 10 VPP, VCC = 5 V, IF = 0 mA, RL = 1.9 k
Ω
VOW136
CMH
1000
V/μs
Low
VCM = 10 VPP, VCC = 5 V, IF = 16 mA, RL = 4.1 k
Ω VOW135
CML
1000
V/μs
VCM = 10 VPP, VCC = 5 V, IF = 16 mA, RL = 1.9 k
Ω VOW136
CML
1000
V/μs
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Climatic classification (according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
250
Maximum rated withstanding isolation
voltage
t = 1 min
VISO
5300
VRMS
Maximum transient isolation voltage
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
1414
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VDC = 500 V
RIO
≥ 1011
Ω
Output safety power
PSO
700
mW
Input safety current
ISI
400
mA
Safety temperature
TS
150
°C
Clearance distance (DIP-8, widebody)
≥ 10
mm
Creepage distance (DIP-8, widebody)
≥ 10
mm
Insulation thickness
DTI
≥ 0.4
mm
Input to output test voltage, method B
VIORM x 1.875 = VPR, 100 % production test
with tM = 1 s, partial discharge < 5 pC
VPR
2651
Vpeak
Input to output test voltage, method A
VIORM x 1.6 = VPR, 100 % production test
with tM = 10 s, partial discharge < 5 pC
VPR
2262
Vpeak
Environment (pollution degree in accordance to DIN VDE 0109)
2
isfh6135_02
VCM
VO
VO
10 V
5V
0V
VOL
90 %
10 %
90 %
10 %
tr
tf
t
t
t
A: IF =0 mA
B: IF =16mA
1
2
3
4
8
7
6
5
B
VFF
IF
+VCM
VO
RL
5V
A
Pulse generator
ZO =50 Ω
tr, tf =8 ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com