Electronic Components Datasheet Search
  English  ▼

X  

TC25C25 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC25C25
Description  BICMOS PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC25C25 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC25C25 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-112
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for – 40
°C < TA <
+85
°C for the TC25C25Exx; and 0°C <TA < +70°C for the TC35C25Cxx;
VIN and VDD = 16V; RT = 3.7kΩ; CT = 1000pF; RD = 760Ω.
Parameter
Test Conditions
Min
Typ
Max
Units
Reference Section
Output Voltage
TJ = 25°C, IO = 1mA
3.9
4
4.1
V
Line Regulation
VIN = 8V to 18V
—
±4
±10
mV
Load Regulation
II = 1mA to mA
—
±4
±15
mV
Temp Coefficient
Note 1
—
±0.01
±0.4
mV/
°C
VREF
Worst Case
3.85
4
4.15
V
Long Term Drift
TJ = 25°C, (Note 1)
—
±50
—
mV/1000Hrs
Short Circuit
VREF to GND
20
40
70
mA
Output Noise
TJ = 25°C, 10 Hz ≤ f ≥ 10 kHz, (Note 1)
—
21
—
µV(rms)
Oscillator Section
Initial Accuracy
TJ = 25°C, at 97 kHz
—
±2
±3%
Voltage Coefficient
VIN = 8V to 18V
—
±0.01
±0.1
%/V
Temp Coefficient
Note 1
—
±0.025
±0.06
%/
°C
OSC Ramp Amplitude
2.9
3.2
3.4
V
Reset Switch RDS (ON)
TJ = 25°C30
50
60
Ω
Clock Amplitude
fosc = 100kHz, RL = 1MΩ, (Note 1)
4.9
5.5
6.7
V
Clock Min Width
TJ = 25°C, RD = 0Ω, (Note 1)
—
170
200
nsec
CT = 100pF, RT = 1Ω
Sync Threshold
RT Pin Tied to VREF, CT Pin at GND
1.8
2.2
2.8
V
Sync Input Current
Sync Voltage = 4V, V(RT) = 4V
—
—
±1
µA
Min Sync Pulse Width
TJ = 25°C, Sync Amplitude = 5V, (Note 1)
—
130
175
nsec
Max OSC Freq
RT = 1Ω, CT = 100pF, RD = 0Ω, (Note 1)
1.0
—
—
MHz
Error Amplifier Section (VCM = 2.5V)
Input Offset Voltage
—
±5
±15
mV
Input Bias Current
TJ = 25°C—
±50
±200
pA
Input Offset Current
TJ = 25°C—
±25
±100
pA
DC Open Loop Gain
RL = 100kΩ
70
85
—
dB
Gain Bandwidth Product
Note 1
0.7
0.9
1.2
MHz
Output Low Level
RL = 100kΩ (N Channel)
—
10
20
mV
Output High Level
RL = 100kΩ (NPN)
4.9
5.4
5.9
V
CMRR
VCM = 0.5 to 4.7V
60
75
—
dB
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ............................................................ 18V
Maximum Chip Temperature ................................... 150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (10 sec) ..................................... 300
°C
Package Thermal Resistance
PDIP RθJ-A ..................................................................... 125°C/W
PDIP RθJ-C ........................................................................ 45°C/W
SOIC RθJ-A ..................................................................... 250°C/W
SOIC RθJ-A ........................................................................ 75°C/W
Operating Temperature
25C2x ........................................ – 40
°C ≤ TA ≤ +85°C
35C2x ............................................. 0
°C ≤ TA ≤ +70°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
BICMOS PWM CONTROLLERS
TC25C25
TC35C25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com