Electronic Components Datasheet Search
  English  ▼

X  

BD433 Datasheet(PDF) 8 Page - Rohm

Part # BD433
Description  500-mA 3.3-V or 5.0-V Output LDO Regulators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD433 Datasheet(HTML) 8 Page - Rohm

Back Button BD433 Datasheet HTML 4Page - Rohm BD433 Datasheet HTML 5Page - Rohm BD433 Datasheet HTML 6Page - Rohm BD433 Datasheet HTML 7Page - Rohm BD433 Datasheet HTML 8Page - Rohm BD433 Datasheet HTML 9Page - Rohm BD433 Datasheet HTML 10Page - Rohm BD433 Datasheet HTML 11Page - Rohm BD433 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Datasheet
Datasheet
8/36
TSZ02201-0G1G0AN00066-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Feb.2017 Rev.006
www.rohm.com
TSZ22111・15・001
BD4xxM5-C Series
●
Thermal
Impedance (1)
Parameter
Symbol
Typ.
Unit
Conditions
TO252-J5(F) / TO252-3
Junction to Ambient
θJA
136
°C / W
1s
(2)
23
°C / W
2s2p
(3)
Junction to Top Center of Case (4)
ΨJT
17
°C / W
1s
(2)
3
°C / W
2s2p
(3)
TO263-5(F) / TO263-3(F)
Junction to Ambient
θJA
81
°C / W
1s
(2)
21
°C / W
2s2p
(3)
Junction to Top Center of Case (4)
ΨJT
8
°C / W
1s
(2)
2
°C / W
2s2p
(3)
(1)
The thermal impedance is based on JESD51 - 2A (Still-Air) standard.
(2)
JESD51 - 3 standard FR4 114.3 mm × 76.2 mm × 1.57 mm 1-layer (1s)
(Top copper foil: ROHM recommended footprint + wiring to measure, 2 oz. copper.)
(3)
JESD51 -5 / -7 standard FR4 114.3 mm × 76.2 mm × 1.60 mm 4-layer(2s2p)
(Top copper foil: ROHM recommended footprint + wiring to measure / 2 inner layers copper foil area of PCB: 74.2 mm × 74.2 mm,
copper (top & reverse side / inner layers) 2oz. / 1oz.)
(4)
TT : Top center of case’s (mold) temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com