Electronic Components Datasheet Search
  English  ▼

X  

LPV531 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LPV531 Datasheet HTML 6Page - National Semiconductor (TI) LPV531 Datasheet HTML 7Page - National Semiconductor (TI) LPV531 Datasheet HTML 8Page - National Semiconductor (TI) LPV531 Datasheet HTML 9Page - National Semiconductor (TI) LPV531 Datasheet HTML 10Page - National Semiconductor (TI) LPV531 Datasheet HTML 11Page - National Semiconductor (TI) LPV531 Datasheet HTML 12Page - National Semiconductor (TI) LPV531 Datasheet HTML 13Page - National Semiconductor (TI) LPV531 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, V+ = 5V, T
J = 25˚C. For Full Power
Mode the I
SEL pin is connected to V
−; for Mid-Power Mode the I
SEL pin is connected to V
− through a 100 k
Ω resistor; for Low
Power Mode the I
SEL pin is connected to V
− througha1M
Ω resistor. (Continued)
Large Signal Inverting Response
(Full Power Mode)
Large Signal Inverting Response
(Mid Power Mode)
20132349
20132353
Large Signal Inverting Response
(Low Power Mode)
I
SINK vs. Supply Current
20132357
20132344
I
SOURCE vs. Supply Current
Gain Bandwidth Product vs. I
SEL
20132343
20132345
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com