Electronic Components Datasheet Search
  English  ▼

X  

TPM401 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TPM401
Description  NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TPM401 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TPM401 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0 mA
40
V
BVCEO
IC = 1.0 mA
28
V
BVEBO
IE = 1.0 mA
3.5
V
hFE
VCE = 5.0 V
IC = 100 mA
20
120
---
COB
VCB = 28
f = 1.0 MHz
5.0
pF
PG
VCE = 24 V
IC = 200 mA
f = 400 MHz
POUT = 1.0 W
13
15
dB
P1dB
VCE = 24 V
IC = 200 mA
f = 400 MHz
2.0
W
NPN RF POWER TRANSISTOR
TPM401
DESCRIPTION:
The
TPM401 is a Common Emitter
Device Designed for Class A and AB
Amplifier Applications up to 1.0 GHz.
FEATURES INCLUDE:
•• High Gain
•• Gold Metallization
•• Emitter Ballasting
MAXIMUM RATINGS
IC
400 mA
VCBO
40 V
PDISS
8.75 W @ TC = 25
OC
TJ
-55
OC to+200 OC
TSTG
-55
OC to+200 OC
θθ
JC
20
OC/W
PACKAGE STYLE 280 4L STUD
1 = Collector
2 = Base
3 & 4 = Emitter


Similar Part No. - TPM401

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPM4015NS8 TECHPUBLIC-TPM4015NS8 Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - TPM401

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF220-50F ASI-HF220-50F Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
REV.A
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
MSC74520 ASI-MSC74520 Datasheet
181Kb / 1P
NPN RF POWER TRANSISTOR
ASAT35L ASI-ASAT35L Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
MSC74519 ASI-MSC74519 Datasheet
18Kb / 1P
NPN RF POWER TRANSISTOR
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
AM1011-500 ASI-AM1011-500 Datasheet
41Kb / 1P
NPN RF POWER TRANSISTOR
AM82731-001 ASI-AM82731-001 Datasheet
65Kb / 1P
NPN RF POWER TRANSISTOR
MRF898 ASI-MRF898 Datasheet
38Kb / 1P
NPN RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com