Electronic Components Datasheet Search
  English  ▼

X  

BCL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # BCL
Description  Inductors for power circuits Wound metal BCL series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BCL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  BCL Datasheet HTML 1Page - Panasonic Semiconductor BCL Datasheet HTML 2Page - Panasonic Semiconductor BCL Datasheet HTML 3Page - Panasonic Semiconductor BCL Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211117
(3/4)
inductor_automotive_power_bcl322515rt-d_en.fm
INDUCTORS
BCL322515RT-D type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
Operating temperature range includes self-temperature rise.
Dimensions in mm
(0.8)(1.6)(0.8)
3.2±0.2
1.0
1.6
1.0
Dimensions in mm
Natural
cooling
5s max.
60 to 120s
Preheating
10 to 30s
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
Type
A
B
K
BCL322515RT-D
(2.8)
(3.5)
1.65±0.1
Package quantity
2000 pcs/reel
Operating
temperature range
Storage
temperature range
Individual
weight
–55 to +155 °C
–55 to +155 °C
0.067 g
ø13.0
±0.5
ø21.0
±0.8
2.0
±0.5
ø180
Dimensions in mm
1.0
0.5
13
9
0.3±0.05
K
4±0.1
4±0.1
2±0.1
A
Dimensions in mm
Sprocket
hole
1.55±0.05
Cavity



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com