Electronic Components Datasheet Search
  English  ▼

X  

10137867 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 10137867
Description  Minitek® Pwr 3.0 Connector System Dual Row & Single Row
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10137867 Datasheet(HTML) 4 Page - Amphenol Corporation

  10137867 Datasheet HTML 1Page - Amphenol Corporation 10137867 Datasheet HTML 2Page - Amphenol Corporation 10137867 Datasheet HTML 3Page - Amphenol Corporation 10137867 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
TOOLING INFORMATION
Minitek® Pwr 3.0 Connector System
APPLICATORS
Terminal Part
Number
AWG
Range
Semi-Auto Crimping
machine
Fully-Auto Pneumatic
Crimping Applicator
Fully-Auto Mechanical
Crimping Applicator
10127719-00XXLF
10127718-00XXLF
20 AWG
10159974-001
10159975-001
10159976-001
22 AWG
24 AWG
10134160-X210LF
16 AWG
10159974-003
10159975-003
10159976-003
18 AWG
20 AWG
10134160-X220LF
20 AWG
10159974-004
10159975-004
10159976-004
22 AWG
24 AWG
10134160-X230LF
26 AWG
10159974-005
10159975-005
10159976-005
28 AWG
30AWG
HAND CRIMP TOOLS
Terminal Part
Number
AWG
Range
Fully-Auto Mechanical
Crimping Applicator
10127719-00XXLF
10127718-00XXLF
20 AWG
10159387-001
22 AWG
24 AWG
10134160-X210LF
16 AWG
10159387-003
18 AWG
20 AWG
10134160-X220LF
20 AWG
10159387-004
22 AWG
24 AWG
10134160-X230LF
26 AWG
10159387-005
28 AWG
30AWG
TERMINAL EXTRACTION TOOL – 10129274-030LF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com