Electronic Components Datasheet Search
  English  ▼

X  

1F2G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1F2G
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1F2G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1F2G Datasheet HTML 1Page - Pan Jit International Inc. 1F2G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1F1G THRU 1F7G
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
Glass passivated junction
1.0 ampere operation at T
A=55℃ with no thermal runaway
Exceeds environmental standards of MIL-S-19500/228
Fast switching for high efficiency
MECHANICAL DATA
Case: Molded plastic, R-1
Terminals: Plated axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.0064 ounce, 0.181 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1F1G
1F2G
1F3G
1F4G
1F5G
1F6G
1F7G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
10
00
V
Maximum Average Forward Rectified Current .375"(9.5mm) lead
length at TA=55℃
1.0
A
Peak Forward Surge Current 8.3ms single half sine wave
superimposed on rated load(JECEC method)
30
A
Maximum Forward Voltage at 1.0A
1.3
V
Maximum Full Load Reverse Current Full Cycle
Average, .375”,9.5mm Lead Length at TA=55℃
10.0
μ
A
Maximum DC Reverse Current
at Rated DC Blocking Voltage TA=100℃
150
μ
A
Maximum Reverse Recovery Time(Note 1)
150
150
150
150
250
500
500
ns
Typical Junction capacitance (Note 2)
15
PF
Typical Thermal Resistance (Note 3) RΘJA
67
℃
/W
Operating and Storage Temperature Range TJ
-55 to +150
℃
NOTES:
1. Measured with I
F=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted with 0.22×0.22"(5.5×5.5mm) copper pads
R-1


Similar Part No. - 1F2G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1F2G RECTRON-1F2G Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
1F2G PANJIT-1F2G Datasheet
53Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1F2G DAESAN-1F2G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
1F2G GOOD-ARK-1F2G Datasheet
158Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Chongqing Pingwei Enter...
1F2G CHONGQING-1F2G Datasheet
40Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - 1F2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG100R PANJIT-PG100R Datasheet
57Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG150 PANJIT-PG150 Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG150R PANJIT-PG150R Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
PG200R PANJIT-PG200R Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
PG300R PANJIT-PG300R Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
PG4933 PANJIT-PG4933 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
PG4942 PANJIT-PG4942 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
PG5391 PANJIT-PG5391 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PG5400 PANJIT-PG5400 Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PG600R PANJIT-PG600R Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com