Electronic Components Datasheet Search
  English  ▼

X  

1F5 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1F5
Description  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1F5 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1F5 Datasheet HTML 1Page - Pan Jit International Inc. 1F5 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
1F1 THRU 1F7
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 25¢J
PULSE
WIDTH = 300£gs
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
120
140
160
180
MAXIMUM AVERAGE CURRENT RATING
SINGLE PHASE, HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE
LOAD .375"(9.5mm) LEAD LENGTHS
AMBIENT TEMPERATURE, ¢J
Fig. 2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
1
4
10
T
J = 25¢J
REVERSE VOLTAGE, Vdc
30
24
18
12
6
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com