Electronic Components Datasheet Search
  English  ▼

X  

SI7348DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7348DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7348DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7348DP Datasheet HTML 1Page - Vishay Siliconix SI7348DP Datasheet HTML 2Page - Vishay Siliconix SI7348DP Datasheet HTML 3Page - Vishay Siliconix SI7348DP Datasheet HTML 4Page - Vishay Siliconix SI7348DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7348DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72129
S-03591—Rev. A, 31-Mar-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 14 A
0.010
0.0125
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 11 A
0.016
0.020
W
Forward Transconductancea
gfs
VDS = 6 V, ID = 14 A
19
S
Diode Forward Voltagea
VSD
IS = 3.7 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
5.7
8.5
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 14 A
2.2
nC
Gate-Drain Charge
Qgd
2.0
Gate Resistance
Rg
1.3
W
Turn-On Delay Time
td(on)
17
30
Rise Time
tr
VDD = 10 V, RL = 10 W
17
30
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
37
60
ns
Fall Time
tf
11
20
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0123456
0
10
20
30
40
50
60
012345
VGS = 10 thru 5 V
25
_C
TC = -55_C
125
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
3 V
4 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com