Electronic Components Datasheet Search
  English  ▼

X  

TVB270SC Datasheet(PDF) 2 Page - Tyco Electronics

Part # TVB270SC
Description  PolySwitch SiBar Thyristor Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB270SC Datasheet(HTML) 2 Page - Tyco Electronics

  TVB270SC Datasheet HTML 1Page - Tyco Electronics TVB270SC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco/Electronics
Raychem Corporation
308 Constitution Drive
Menlo Park, CA 94025
800-227-4856
FAX 800-227-4866
PolySwitch®
SiBar
Thyristor Surge Protectors
PRODUCT: TVB270SC
DOCUMENT: 24271
PCN: 179059
REV LETTER: B
REV DATE: AUGUST 16, 2001
PAGE NO.: 2 OF 2
DEVICE RATINGS @ 25º C (Both Polarities)
Parameter
Symbol
Value
Units
Off-State Voltage, Maximum at ID = 5 µA
VDM
270
V
Non-Repetitive Peak Impulse Current
10x1000 µsec
Double exponential waveform (Notes 1 and 2)
10/560 µsec
10/160 µsec
2/10 µsec
IPP1
IPP2
IPP3
IPP4
100
100
200
500
A
A
A
A
Critical Rate of Rise of On-State Current
Maximum 2x10 µsec waveform, VOC=2.5kV, ISC=500A peak
di/dt
250
A/µs
DEVICE THERMAL RATINGS
Storage Temperature Range
TSTG
-65 to 150
ºC
Operating Temperature Range
Blocking or conducting state
TA
-40 to 125
ºC
Overload Junction Temperature
Maximum; Conducting state only
TJ
+175
ºC
ELECTRICAL CHARACTERISTICS Both polarities (TJ @ 25ºC unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Units
Breakover Voltage
(+25ºC)
dV/dt = 100V/µsec, ISC=1.0A, VDC = 1000V
VBO
----
310
370
V
Breakover Voltage
(+25ºC)
f=60Hz, ISC=1.0Arms, VOC = 1000Vrms,
R=1.0 k
Ω, t = 0.5 cycle (Note 2)
VBO
----
310
370
V
Breakover Voltage Temperature Coefficient
dVBO/dTJ
----
0.08
-----
%/ºC
Off-State Current
(VD1= 50V)
(VD2= VDM)
ID1
ID2
----
----
-----
-----
2.0
5.0
µA
µA
On-State Voltage
(IT=1A)
PW
≤ 300 µsec, Duty Cycle ≤ 2% (Note 2)
VT
----
-----
5.0
V
Breakover Current
IBO
----
230
-----
mA
Holding Current
(Note 2)
IH
175
350
----
mA
Critical Rate of Rise of Off-State Voltage
(Linear waveform, VD = 0.8 X Rated VBO, TJ= +25ºC)
dv/dt
5000
----
----
V/µs
Capacitance
(f=1.0 Mhz, 50VDC bias, 1 Vrms)
(f=1.0 Mhz, 2VDC bias, 15mVrms)
C1
C2
----
----
60
160
----
pF
pF
Note 1. Allow cooling before test second polarity
Note 2. Measured under pulse conditions to reduce heating
VOLTAGE-CURRENT CHARACTERISTIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com