Electronic Components Datasheet Search
  English  ▼

X  

TR250-080U Datasheet(PDF) 1 Page - Tyco Electronics

Part # TR250-080U
Description  PolySwitch PTC Devices Overcurrent Protection Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TR250-080U Datasheet(HTML) 1 Page - Tyco Electronics

  TR250-080U Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: TR250-080U
DOCUMENT: SCD 23431
PCN: 856313
REV LETTER: E
REV DATE: NOVEMBER 14, 2001
PAGE NO.: 1 OF 1
Specification Status: RELEASED
Max Electrical Rating at 20
°°°°C
Operating Voltage: 60VDC
Fault Voltage: 250VRMS
Interrupt Current: 3ARMS
Lead Material : 22 AWG Sn/Pb plated
copper
Marking:
None
TABLE I. DIMENSIONS
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Max
Nom
mm:
--
4.8
--
9.30
--
3.8
4.7
--
5.0
in*:
--
(0.189)
--
(0.366)
--
(0.150)
(0.185)
--
(0.197)
TABLE II. PERFORMANCE RATINGS @ 20
°°°°C (unless otherwise noted):
IHOLD (A)
RESISTANCE (
Ω)
@ 20
° C
TIME TO TRIP
@ 0.35A
OPERATING
TEMPERATURE (
°C)
20
°C
R MIN
R MAX
R1 MAX*
Seconds, MAX
MIN
MAX
0.080
14.0
20.0
33.0
3
-40
85
* Maximum device resistance at
20
°C measured 1 hour post trip.
Additional Rating @ 20
°C
Lightning Withstand:
ITU @ 1.0KV
Storage Temperature:
-40 to 85
° C
Agency Recognition:
UL, CSA, TUV
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - TR250-080U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR250-080U MACOM-TR250-080U Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - TR250-080U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com