Electronic Components Datasheet Search
  English  ▼

X  

STB19NF20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB19NF20 Datasheet(HTML) 4 Page - STMicroelectronics

  STB19NF20_V01 Datasheet HTML 1Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 2Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 3Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 4Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 5Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 6Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 7Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 8Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
ISD = 15 A, di/dt = 100 A/µs,
VDD = 50 V
(see Figure 17. Test circuit for
inductive load switching and diode
recovery times)
-
125
ns
Qrr
Reverse recovery charge
-
0.55
µC
IRRM
Reverse recovery current
-
8.8
A
trr
Reverse recovery time
ISD = 15 A, di/dt = 100 A/µs,
VDD = 50 V, Tj = 150 °C
(see Figure 17. Test circuit for
inductive load switching and diode
recovery times)
-
148
ns
Qrr
Reverse recovery charge
-
0.73
µC
IRRM
Reverse recovery current
-
9.9
A
1. Pulse width is limited by safe operating area.
2. Pulse test: pulse duration = 300 µs, duty cycle 1.5%.
STB19NF20,STD19NF20,STF19NF20,STP19NF20
Electrical characteristics
DS4935 - Rev 7
page 4/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com