Electronic Components Datasheet Search
  English  ▼

X  

STL100N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL100N3LLH6
Description  N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL100N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL100N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2010
Doc ID 15569 Rev 3
1/10
10
STL100N3LLH6
N-channel 30 V, 0.0025
Ω, 25 A PowerFLAT™ (5x6)
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
■ Very low switching gate charge
Application
■ Switching applications
Description
This product utilizes the 6th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure.The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL100N3LLH6
30 V
0.0035
Ω
25 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ ( 5x6 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL100N3LLH6
100N3LLH6
PowerFLAT™ (5x6)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STL100N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
More results

Similar Description - STL100N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
September 2013 Rev 4
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com