Electronic Components Datasheet Search
  English  ▼

X  

LVR040S Datasheet(PDF) 1 Page - Tyco Electronics

Part # LVR040S
Description  PolySwitch PTC Devices Overcurrent Protection Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR040S Datasheet(HTML) 1 Page - Tyco Electronics

  LVR040S Datasheet HTML 1Page - Tyco Electronics LVR040S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
800-227-4856
FAX 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR040S
DOCUMENT: SCD 24906
PCN: 336638
REV LETTER: E
REV DATE: MARCH 21, 2003
PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating at 20ºC
Rated Operating Voltage: 240 VAC
Rated Interrupt Current: 5.5 ARMS
Max Interrupt Voltage: 265 VAC
Insulating Material :
Cured, Flame Retardant Epoxy Polymer
Meets UL94 V-0 Requirements.
Lead Material: 22 AWG Sn Plated Copper
Marking:
Raychem Logo
and Voltage
Lot Identification
Part Identification
L040
(can be on back)
240
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
11.5
--
19.5
4.3
5.8
7.6
3.8
in*:
--
(0.46
--
(0.77)
(0.17)
(0.23)
(0.30)
--
--
(0.15)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD
RATED
CURRENT
CURRENT RATINGS
TIME TO TRIP
RESISTANCE
POST-TRIP
RESISTANCE
STANDARD
TRIP
NOMINAL
TRIPPED
POWER
DISSIPATION
AMPS
AT 20
oC
OHMS
AT 20
oC
AMPS AT
20
oC
HOLD
HOLD
TRIP
SECONDS AT
20
oC, 2.0A
MAX
MIN
MAX
OHMS
AT 20
oC
MAX
WATTS
AT 20
oC
0.40
0.40
0.90
24.0
0.6
0.97
1.9
2.0
Recognitions:
UL, TUV recognized.
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Warning:
Refer to Page 2 of this document for application limitations.


Similar Part No. - LVR040S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040S MACOM-LVR040S Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR040S MACOM-LVR040S Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR040S MACOM-LVR040S Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
logo
Littelfuse
LVR040S LITTELFUSE-LVR040S Datasheet
126Kb / 3P
PolySwitch PTC Devices
More results

Similar Description - LVR040S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150 MACOM-TR600-150 Datasheet
90Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com