Electronic Components Datasheet Search
  English  ▼

X  

STG8206 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STG8206
Description  Dual N-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8206 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STG8206 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S T G 8206
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
20
V
Zero Gate Voltage Drain Current
IDSS
VDS 16V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS 12V,VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
0.5
V
Drain-Source On-State R esistance
R DS(ON)
c
C
2
m ohm
VGS 4.5V, ID 5A
=
=
20
FS
c
15
S
Forward Transconductance
g
VDS 5V, ID 5A
DYNAMIC CHAR ACTER ISTICS
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =8V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 10V,
ID = 1A,
VGEN = 4.5V,
R L = 10 ohm
R GEN = 10 ohm
ns
ns
ns
ns
10.3
86.4
34.2
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 5A,
VGS =4.5V
20.2
nC
nC
nC
2.7
5.1
Fall Time
=
=
231
1290
295
41.8
VGS 2.5V, ID 3A
=
=
m ohm
30
16
24
1.5
0.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com