Electronic Components Datasheet Search
  English  ▼

X  

STM4800A Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4800A
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4800A Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4800A Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4800A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S T M4884A
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
0.78 1.2
V
b
Notes
a.Surface Mounted on FR4 Board, t <=10sec.
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width<=300us, Duty Cycle<= 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
3
F igure 4. On-R esistance Variation with
Temperature
T j, J unction T emperature ( C )
0
5
10
15
20
25
30
C iss
C oss
1200
1000
800
600
400
200
0
C rss
25 C
20
15
10
5
1
0
0
-55 C
125 C
1.8
1.6
1.2
0.8
1.4
1.0
0.6
0
25
75
125
V G S =4.5V
50
-25
-55
100
V GS =10V
ID=8A
0.8
4.8
4.0
3.2
2.4
1.6
V G S =3V
V G S =4V
V G S =5V
V G S =8V
V G S =10V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com