Electronic Components Datasheet Search
  English  ▼

X  

VCNL4010 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VCNL4010
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4010 Datasheet(HTML) 4 Page - Vishay Siliconix

  VCNL4010 Datasheet HTML 1Page - Vishay Siliconix VCNL4010 Datasheet HTML 2Page - Vishay Siliconix VCNL4010 Datasheet HTML 3Page - Vishay Siliconix VCNL4010 Datasheet HTML 4Page - Vishay Siliconix VCNL4010 Datasheet HTML 5Page - Vishay Siliconix VCNL4010 Datasheet HTML 6Page - Vishay Siliconix VCNL4010 Datasheet HTML 7Page - Vishay Siliconix VCNL4010 Datasheet HTML 8Page - Vishay Siliconix VCNL4010 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VCNL4010
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Mar-18
4
Document Number: 83462
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Relative Radiant Intensity vs. Wavelength
Fig. 6 - Relative Radiant Intensity vs. Angular Displacement
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
(Proximity Sensor)
Fig. 8 - Relative Radiant Sensitivity vs. Angular Displacement
(Proximity Sensor)
Fig. 9 - Ambient Light Value vs. Illuminance
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
(Ambient Light Sensor)
1.1
0
0.2
0.4
0.6
0.8
0.9
1.0
0.1
0.3
0.5
0.7
1050
750
800
850
900
950
1000
λ - Wavelength (nm)
22305
I
F = 100 mA
0°
20°
40°
60°
80°
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
22306
1.1
0
0.2
0.4
0.6
0.8
0.9
1.0
0.1
0.3
0.5
0.7
1100
400
500
600
700
800
900
1000
λ - Wavelength (nm)
22307
0°
20°
40°
60°
80°
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
22308
100 000
1
100
1000
10 000
10
EV - Illuminance (lx)
0.1
1
10
100
1000
10 000
0
0.2
0.4
0.6
0.8
1.0
1100
400
500
600
700
800
900
1000
λ - Wavelength (nm)
VCNL4010
Human eye



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com