Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNL4040 Datasheet HTML 1Page - Vishay Siliconix VCNL4040 Datasheet HTML 2Page - Vishay Siliconix VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
1
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Integrated Proximity and Ambient Light Sensor With
Infrared Emitter, I2C Interface, and Interrupt Function
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
VCNL4040 integrates a proximity sensor (PS), ambient
light sensor (ALS), and a high power IRED into one small
package. It incorporates photodiodes, amplifiers, and
analog to digital converting circuits into a single chip by
CMOS process. The 16-bit high resolution ALS offers
excellent sensing capabilities with sufficient selections to
fulfill most applications whether dark or high transparency
lens design. High and low interrupt thresholds can be
programmed for both ALS and PS, allowing the component
to use a minimal amount of the microcontrollers resources.
The proximity sensor features an intelligent cancellation
scheme, so that cross talk phenomenon is eliminated
effectively. To accelerate the PS response time, smart
persistence prevents the misjudgment of proximity sensing
but also keeps a fast response time. In active force mode, a
single measurement can be requested, allowing another
good approach for more design flexibility to fulfill different
kinds of applications with more power saving.
The patented FiltronTM technology achieves ambient light
spectral sensitivity closest to real human eye response and
offers the best background light cancellation capability
(including sunlight) without utilizing the microcontrollers’
resources. VCNL4040 provides an excellent temperature
compensation capability for keeping output stable under
various temperature configurations. ALS and PS functions
are easily set via the simple command format of I2C
(SMBus compatible) interface protocol. Operating voltage
ranges from 2.5 V to 3.6 V. VCNL4040 is packaged in a
lead (Pb)-free 8-pin molding package, which offers the best
market-proven reliability quality.
FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.0 x 1.1
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), proximity sensor
(PS), and signal conditioning IC
• Operates ALS and PS in parallel structure
•FiltronTM
technology
adoption
for
robust
background light cancellation
• Temperature compensation: -40 °C to +85 °C
• Low
power
consumption
I2C
(SMBus
compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus (ALS / PS)
• Operation voltage: 2.5 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PROXIMITY FUNCTION
• Immunity to red glow (940 nm IRED)
• Programmable IRED sink current
• Intelligent cancellation to reduce cross talk phenomenon
• Smart persistence scheme to reduce PS response time
• Selectable for 12- / 16-bit PS output data
AMBIENT LIGHT FUNCTION
• High accuracy of ALS ±10 %
• Fluorescent light flicker immunity
• Spectrum close to real human eye responses
• Selectable maximum detection range (819 / 1638 / 3277 /
6553) lux with highest sensitivity 0.0125 lux/step
INTERRUPT
• Programmable interrupt function for ALS and PS with
upper and lower thresholds
• Adjustable persistence to prevent false triggers for ALS
and PS
APPLICATIONS
• Handheld device
• Notebook, tablet PC
• Consumer device
• Industrial application
333
DDD3 D
3D Models
Design Tools
Related
Documents


Similar Part No. - VCNL4040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4040 VISHAY-VCNL4040 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040 VISHAY-VCNL4040 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
VCNL4040M3OE VISHAY-VCNL4040M3OE Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040M3OE-H3 VISHAY-VCNL4040M3OE-H3 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040M3OE-H5 VISHAY-VCNL4040M3OE-H5 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
More results

Similar Description - VCNL4040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL4010 VISHAY-VCNL4010_V01 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V01 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
VCNL4040 VISHAY-VCNL4040_V02 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com