Electronic Components Datasheet Search
  English  ▼

X  

STM6375 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM6375
Description  P-Channel E nhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6375 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM6375 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6375 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
- 20
P-Channel E nhancement Mode MOS FE T
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
10
V
Drain Current-Continuous @ TJ=25 C
-Pulsed
ID
- 8
- 32
-1.7
2.5
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
50
/W
C
a
a
a
a
b
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
1
S ep.21,2004
S amHop Microelectronics C orp.
S urface Mount Package.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-8A
20 @ V GS = -4.5V
28 @ V GS = -2.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S O-8
1
-20V
S T M6375


Similar Part No. - STM6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315 STMICROELECTRONICS-STM6315 Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
STM6315LAW13F STMICROELECTRONICS-STM6315LAW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315LAW13F STMICROELECTRONICS-STM6315LAW13F Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
STM6315LB STMICROELECTRONICS-STM6315LB Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
More results

Similar Description - STM6375

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9435A SAMHOP-SDM9435A Datasheet
359Kb / 5P
P -Channel E nhancement Mode MOS FET
STM4439 SAMHOP-STM4439 Datasheet
883Kb / 7P
P -Channel E nhancement Mode MOSFET
SDM4435 SAMHOP-SDM4435 Datasheet
550Kb / 7P
P-Channel E nhancement Mode MOSFET
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
P-Channel E nhancement Mode MOSFET
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
P-Channel E nhancement Mode MOSFET
STS3403 SAMHOP-STS3403 Datasheet
700Kb / 7P
P-Channel E nhancement Mode MOSFET
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
P-Channel E nhancement Mode MOSFET
STU1530PL SAMHOP-STU1530PL Datasheet
851Kb / 8P
P-Channel E nhancement Mode MOSFET
STU2040PL SAMHOP-STU2040PL Datasheet
861Kb / 8P
P-Channel E nhancement Mode MOSFET
SDM9433 SAMHOP-SDM9433 Datasheet
306Kb / 5P
P -Channel E nhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com