Electronic Components Datasheet Search
  English  ▼

X  

STM6912 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM6912
Description  Dual N-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6912 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM6912 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6912 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
30
Dual N-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ TJ=125 C
-Pulsed
ID
6
30
1.7
2
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
62.5
/W
C
a
a
a
a
b
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
30V
6A
32 @ V GS = 10V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
1
2
3
4
8
7
6
5
S 1
G 1 S 2
G 2
D1
D1
D2
D2
S O-8
1
57 @ V GS = 4.5V
S T M6912
Aug,18 2005 ver 1.2


Similar Part No. - STM6912

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6913 SAMHOP-STM6913 Datasheet
647Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STM6914 SAMHOP-STM6914 Datasheet
165Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STM6914 DOINGTER-STM6914 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STM6915 SAMHOP-STM6915 Datasheet
120Kb / 7P
Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - STM6912

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
STS8208 SAMHOP-STS8208 Datasheet
591Kb / 8P
Dual N-Channel E nhancement Mode Field Effect Transistor
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com