Electronic Components Datasheet Search
  English  ▼

X  

2N3810HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N3810HR
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N3810HR Datasheet HTML 1Page - STMicroelectronics 2N3810HR Datasheet HTML 2Page - STMicroelectronics 2N3810HR Datasheet HTML 3Page - STMicroelectronics 2N3810HR Datasheet HTML 4Page - STMicroelectronics 2N3810HR Datasheet HTML 5Page - STMicroelectronics 2N3810HR Datasheet HTML 6Page - STMicroelectronics 2N3810HR Datasheet HTML 7Page - STMicroelectronics 2N3810HR Datasheet HTML 8Page - STMicroelectronics 2N3810HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ICBO
Collector-base cut-off current (IE = 0)
VCB = -50 V
-10
nA
VCB = -50 V TC = 150 °C
-10
μA
IEBO
Emitter-base cut-off current (IC = 0)
VEB = -4 V
-20
nA
V(BR)CBO
Collector-base breakdown voltage
(IE = 0)
IC = -10 μA
-60
V
V(BR)CEO (1)
Collector-emitter breakdown voltage
(IB = 0)
IC = -10 mA
-60
V
V(BR)EBO
Emitter-base breakdown voltage
(IC = 0)
IE = -10 μA
-5
V
VCE(sat) (1)
Collector-emitter saturation voltage
IC = -100 µA IB = -10 µA
-0.2
V
IC = -1 mA IB = -100 µA
-0.25
V
VBE(sat) (1)
Base-emitter saturation voltage
IC = -100 µA IB = -10 µA
-0.7
V
IC = -1 mA IB = -100 µA
-0.8
V
hFE (1)
DC current gain
IC = 10 µA VCE = 5 V
100
IC = 100 µA VCE = 5 V
150
450
IC = 500 µA VCE = 5 V
150
450
IC = 1 mA VCE = 5 V
150
450
IC = 10 mA VCE = 5 V
125
IC = 100 µA VCE = -5 V
Tamb = -55 °C
60
hFE2-1 / hFE2-2
DC current ratio comparison
IC = -100 µA VCE = -5 V
0.9
1.1
hFE2-1 / hFE2-2
DC current ratio comparison
IC = -100 µA VCE = -5 V
Tamb = -55 °C to +125 °C
0.85
1.18
Δ|VBE1 -VBE2|
Base-emitter voltage differential
VCE = -5 V IC = -10 µA
5
mV
VCE = -5 V IC = -100 µA
3
mV
VCE = -5 V IC = -10 mA
5
mV
Δ|VBE1 -VBE2|
Base-emitter voltage differential
VCE = -5 V IC = -100 µA
Tamb = -55 °C to +25 °C
0.8
mV
Tamb = +25 °C to +125 °C
1
mV
ILks
Leakage current between sections
V = -50 V to E2, B2, C2
V = 0 V to E1, B1, C1
-5
µA
hfe
Small signal current gain
VCE = -10 V IC = -1 mA
f = 1 kHz
150
600
2N3810HR
Electrical characteristics
DS6098 - Rev 9
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com